Part Number Hot Search : 
KBPC2506 04K13 03XXX 08500 STPR162 08500 FR40MR05 100M63
Product Description
Full Text Search
 

To Download BD645 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Darlington Power Transistor
BD645
DESCRIPTION *Collector-Emitter Breakdown Voltage: V(BR)CEO= 60V(Min) *High DC Current Gain : hFE= 750(Min) @IC= 3A *Low Saturation Voltage *Complement to Type BD646 APPLICATIONS *Designed for use as complementary AF push-pull output stage applications ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL VCBO VCEO VEBO IC ICP IB
B
PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current-Continuous Collector Current-Peak Base Current-Continuous Collector Power Dissipation @ Ta=25 Collector Power Dissipation @ TC=25 Junction Temperature Storage Temperature Range
VALUE 80 60 5 8 12 0.3 2
UNIT V V V A A A
PC
W 62.5 150 -65~150
TJ Tstg
THERMAL CHARACTERISTICS
SYMBOL Rth j-c Rth j-a PARAMETER Thermal Resistance,Junction to Case Thermal Resistance,Junction to Ambient MAX 2 62.5 UNIT /W /W
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Darlington Power Transistor
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN TYP.
BD645
MAX
UNIT
VCEO(SUS)
Collector-Emitter Breakdown Voltage
IC= 30mA; IB= 0
60
V
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= 3A; IB= 12mA
B
2.0
V
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC= 5A; IB= 50mA
B
2.5
V
VBE(sat) VBE(on)
Base-Emitter Saturation Voltage
IC= 5A; IB= 50mA
B
3.0
V
Base-Emitter On Voltage
IC= 3A ; VCE= 3V
2.5
V
VCB= 60V; IE= 0 ICBO Collector Cutoff Current VCB= 40V; IE= 0; TC= 150
0.2 mA 2.0
ICEO
Collector Cutoff Current
VCE= 30V; IB= 0
B
0.5
mA
IEBO
Emitter Cutoff Current
VEB= 5V; IC= 0
5
mA
hFE
DC Current Gain
IC= 3A ; VCE= 3V
750
isc Websitewww.iscsemi.cn
2


▲Up To Search▲   

 
Price & Availability of BD645

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X